Part Number Hot Search : 
STS8205 8N80C 4511B 28F00 SCS205KG HEF4010 250BZX RL3705N
Product Description
Full Text Search
 

To Download TRS-9002CAG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Optoway
TRS-9002CG / TRS-9002CTG / TRS-9002CFG 5V / 1310 nm / 2.5 Gbps RoHS Compliant Optical Single-Mode Transceiver
FEATURES
l l l l l l l l l l l l l l
TRS-9002CG
1
**********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
DESCRIPTION
Duplex SC Single Mode Transceiver: TRS-9002CG Duplex ST Single Mode Transceiver: TRS-9002CTG Duplex FC Single Mode Transceiver: TRS-9002CFG SONET OC-48 SR / SDH STM-16 (I-16) Compliant Fiber Channel 2X/1X SM-LC-L FC-PI Compliant IEEE 802.3z Gigabit Ethernet 1000BASE-LX Compliant Industry Standard 1 x 9 Footprint 0 to 70oC Operating : TRS-9002CG -40 to 85oC Operating : TRS-9002CAG Single +5 V Power Supply RoHS Compliant TTL Signal Detect Output Wave Solderable and Aqueous Washable Class 1 Laser International Safety Standard IEC 60825 Compliant
The TRS-9002CG series single mode transceivers is low power, high performance module for bi-directional serial optical data communications such as SONET OC-48 SR / SDH STM-16 (I-16), Gigabit Ethernet and 1X/2X Fiber channel. This module is designed for single mode fiber and operates at a nominal wavelength of 1310 nm. The transmitter section uses a multiple quantum well laser and is a class 1 laser compliant according to International Safety Standard IEC-60825. The receiver section uses an integrated InGaAs detector preamplifier (IDP) mounted in an optical header and a limiting post-amplifier IC. A LVPECL logic interface simplifies interface to external circuitry.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It complies with IEC 60825 and FDA 21 CFR 1040.10 and 1040.11. The transceiver must be operated within the specified temperature and voltage limits. The optical ports of the module shall be terminated with an optical connector or with a dust plug.
APPLICATIONS
l Switch to Switch Interface l High Speed Interface for File Servers l High Performance Desktops
ORDER INFORMATION
P/No. Bit Rate (Mb/s) 2488 2488 SONET /SDH SR/I-16 SR/I-16 Distance Wavelength Voltage (km) (nm) (V) 2 2 1310 1310 5 5 TX RX Sens. RoHS Power (dBm) Compliant (dBm) 1X9 SC/ST/FC 0 to 70 -3 to -9.5 -18 Y 1X9 SC/ST/FC -40 to 85 -3 to -9.5 -18 Y Package Temp. (oC)
TRS-9002CG TRS-9002CAG
Note: TRS-XXXXXFG for FC duplex transceiver, TRS-XXXXXTG for ST duplex transceiver, TRS-XXXXX-EMG for SC duplex transceiver with extended EMI shielding,
Absolute Maximum Ratings
Parameter Storage Temperature Operating Temperature Soldering Temperature Power Supply Voltage Input Voltage Output Current Symbol Tstg Topr --Vcc --Iout Min -40 0 -40 0 GND 0 Max 85 70 85 260 6 Vcc 30 Units o C o C
o
Notes TRS-9002CG TRS-9002CAG 10 seconds on leads only
C V V
mA
Recommended Operating Conditions
Parameter Power Supply Voltage Operating Temperature Data Rate Power Supply Current Symbol Vcc Topr Min 4.75 0 -40 622 Typ 5 Max 5.25 70 85 2670 240 Units V o C / TRS-9002CG o C / TRS-9002CAG Mb/s mA
Icc
2488 180
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 V1.0
Optoway
Transmitter Specifications (0 oC < Topr < 70 oC, 4.75V < Vcc < 5.25V)
Parameter Optical Optical Transmit Power Output Center Wavelength Output Spectrum Width Extinction Ratio Output Eye Optical Rise Time Optical Fall Time Relative Intensity Noise Electrical Data Input Current - Low Data Input Current - High Differential Input Voltage Data Input Voltage - Low Data Input Voltage -- High Symbol Min Typ --1310 ----Max -3 1360 3 --150 150 -120 Units dBm nm nm dB ps ps dB/Hz A A mV V V Po -9.5 1270 -- ER 8.2 Compliant with IEEE 802.3z tr tf RIN IIL IIH V IH - V IL VIL - V CC VIH - V CC -350 300 -2.0 -1.1 350 1600 -1.58 -0.74
TRS-9002CG
Notes 1 RMS ()
2
***********************************************************************************************************************************************************************
20% to 80% Values 20% to 80% Values
2 2
Notes: 1. Output power is power coupled into a 9/125 m single mode fiber. 2. These inputs are compatible with 10K, 10KH and 100K ECL and PECL inputs.
Receiver Specifications (0oC < Topr < 70oC, 4.75 V < Vcc < 5.25V)
Parameter Optical Sensitivity Maximum Input Power Signal Detect -- Asserted Signal Detect -- Deasserted Signal detect -- Hysteresis Wavelength of Operation Electrical Data Output Voltage - Low Data Output Voltage - High Signal Detect Output Voltage -- Low Signal Detect Output Voltage -- High Symbol --Pin Pa Pd Min ---3 ---30 1.0 1260 -2.0 -1.1 2.0 Typ ----------Max -18 ---18 --1600 -1.58 -0.74 0.5 Units dBm dBm dBm dBm dB nm V V V V Notes 1 Transition: low to high Transition: high to low
VOL - VCC VOH - VCC VSDL VSDH
2 2
Notes: 1. Minimum sensitivity and saturation levels at BER=1E-10 for a 223-1 PRBS. 2. These outputs are compatible with 10K, 10KH and 100K ECL and PECL outputs.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 V1.0
Optoway
CONNECTION DIAGRAM
Receiver Signal Ground 1 (Rx GND) Receiver Data Out 2 (RD+) Receiver Data Out Bar 3 (RD-) Signal Detect 4 (SD) Receiver Power Supply 5 (Rx Vcc) Transmitter Power Supply 6 (Tx Vcc) Transmitter Data In Bar 7 (TD-) Transmitter Data In 8 (TD+) Transmitter Signal Ground 9 (Tx GND) N/C
TRS-9002CG
3
***********************************************************************************************************************************************************************
TOP VIEW
N/C
PIN 1 2 3 4 5 6 7 8 9
Symbol Rx GND RD+ RD- SD Rx Vcc Tx Vcc TD- TD+ Tx GND
Notes Directly connect this pin to the receiver ground plane See recommended circuit schematic See recommended circuit schematic Active high on this indicates a received optical signal +5V dc power for the receiver section +5V dc power for the transmitter section See recommended circuit schematic See recommended circuit schematic Directly connect this plan to the trransmitter ground plane
RECOMMENDED CIRCUIT SCHEMATIC
Transceiver
TX GND 0.1uF LD Driver 100R 0.1uF 6 10nF 5 10nF SD RDRD+ 4 3 Z=50R 2 Z=50R R3 RX GND 1 R4 100R 10uF 10uF 1uH VCC 1uH
SD (TTL)
9 8 Z=50R 7 Z=50R R1 R2
TD+ TD-
PECL
TX VCC
RX VCC
POST Amp
PECL
For Vcc=5V, R1=R2=R3=R4= 330R The split-load terminations for ECL signals need to be located at the input of devices receiving those ECL signals. The power supply filtering is required for good EMI performance. Use short tracks from the inductor L1/L2 to the module Rx Vcc and Tx Vcc. A GND plane under the module is required for good EMI and sensitivity performance.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 V1.0
Optoway
PACKAGE DIAGRAM
Units in mm
TRS-9002CG
4
***********************************************************************************************************************************************************************
1) SC Type With Extended Shielding
TX OPTICAL
RX OPTICAL
TRS-9002C-EMG / TRS-9002AC-EMG 2) SC Type With Flat Extended Shielding
TX OPTICAL
RX OPTICAL
TRS-9002C-EM1G / TRS-9002AC-EM1G
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 V1.0
Optoway
3) ST Type
TX OPTICAL
TRS-9002CG
5
***********************************************************************************************************************************************************************
RX OPTICAL
TRS-9002CTG / TRS-9002ACTG 4) FC Type
12.7
TX OPTICAL
RX OPTICAL
2.54*8 20.32
25.4
13.9
10
5.97
10.18
20.32 34.5MAX
TRS-9002CFG / TRS-9002ACFG
Note: Specifications subject to change without notice.
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798 Fax: 886-3-5979737 E-mail: sales@optoway.com.tw http: // www.optoway.com.tw 10/1/2006 V1.0
0.75
O1.3
13.7


▲Up To Search▲   

 
Price & Availability of TRS-9002CAG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X